データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CTEP125U データシート(PDF) 1 Page - Central Technologies

部品番号 CTEP125U
部品情報  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CT [Central Technologies]
ホームページ  http://www.ctparts.com
Logo CT - Central Technologies

CTEP125U データシート(HTML) 1 Page - Central Technologies

  CTEP125U Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
01.03.06
SPECIFICATIONS
Parts are available in ±20% only.
* This indicates the current when the inductance decreases to 75% over it’s nominal value or DC current
when the temperature rising
∆T=40°C lower, whichever is lower.
CTEP125UF Please specify “F” for RoHS compliant
L Test
DCR
Part
Inductance
Freq.
Max.
*Current
Number
(µH ±20%)
(kHz)
(m
Ω)
(A)
CTEP125U_-0R3M
0.3
100
2.5
35.0
CTEP125U_-0R6M
0.6
100
2.5
30.0
CTEP125U_-0R8M
0.8
100
2.5
27.2
CTEP125U_-1R4M
1.4
100
3.4
20.8
CTEP125U_-2R2M
2.2
100
5.4
14.8
CTEP125U_-3R2M
3.2
100
8.0
12.8
CTEP125U_-4R3M
4.3
100
11.4
11.0
CTEP125U_-5R6M
5.6
100
13.5
9.5
CTEP125U Series
From 0.3 µH to 5.6 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD shielded power inductor
Applications: Power supplies for VTR, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters, etc.
Operating Temperature: -30°C to +100°C
Inductance Tolerance: ±20%
Testing: Tested on a HP4285A at 100 KHz , 0.25Vrms , 0Adc
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant available.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
Size
A
B
C
D
E
F
G
H
Max.
Max.
Max.
mm
12.9
12.9
5.8
2.6±.2
7.0±.2
4.0±.2
4.2±.2
2.5±.2
inches
.51
.51
.23
.10±.01
.28±.01
.16±.01
0.17±0.1 .10±.01
PHYSICAL DIMENSIONS
RoHS
Compliant
Available


同様の部品番号 - CTEP125U

メーカー部品番号データシート部品情報
logo
Central Technologies
CTEP125HF CT-CTEP125HF Datasheet
177Kb / 1P
Power Inductors - Shielded
CTEP125HF-1R0 CT-CTEP125HF-1R0 Datasheet
177Kb / 1P
Power Inductors - Shielded
CTEP125HF-1R8 CT-CTEP125HF-1R8 Datasheet
177Kb / 1P
Power Inductors - Shielded
CTEP125HF-2R8 CT-CTEP125HF-2R8 Datasheet
177Kb / 1P
Power Inductors - Shielded
CTEP125HF-4R0 CT-CTEP125HF-4R0 Datasheet
177Kb / 1P
Power Inductors - Shielded
More results

同様の説明 - CTEP125U

メーカー部品番号データシート部品情報
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com