データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CTGS105 データシート(PDF) 1 Page - Central Technologies

部品番号 CTGS105
部品情報  Power Inductors - Unshielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CT [Central Technologies]
ホームページ  http://www.ctparts.com
Logo CT - Central Technologies

CTGS105 データシート(HTML) 1 Page - Central Technologies

  CTGS105 Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Unshielded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2004 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
10.19.05
PAD LAYOUT
Size
A
B
C
D
Typ.
mm
10±0.4
9±0.4
5.4±0.4
2.1
inches
0.39±0.016
0.35±0.016
0.21±0.016
0.083
SPECIFICATIONS
Parts are marked to indicate tolerance available.
K = ±10%, M = ±20%
CTGS105F Please specify “F” for RoHS Compliant
L Test
DCR
Rated
Part
Inductance
Freq.
Max.
DC
Number
(µH)
(_Hz)
(
Ω
Ω)
(A)
CTGS105_-4R7M
4.7
7.96M
.04
2.6
CTGS105_-100M
10
2.52M
.06
2.6
CTGS105_-120M
12
2.52M
.07
2.4
CTGS105_-150M
15
2.52M
.08
2.3
CTGS105_-180M
18
2.52M
.09
2.1
CTGS105_-220M
22
2.52M
.10
1.9
CTGS105_-270M
27
2.52M
.11
1.7
CTGS105_-330M
33
2.52M
.12
1.5
CTGS105_-390M
39
2.52M
.14
1.4
CTGS105_-470K
47
2.52M
.17
1.3
CTGS105_-560K
56
2.52M
.19
1.2
CTGS105_-680K
68
2.52M
.22
1.1
CTGS105_-820K
82
2.52M
.25
1.0
CTGS105_-101K
100
1.0k
.35
.97
CTGS105_-121K
120
1.0k
.40
.89
CTGS105_-151K
150
1.0k
.47
.78
CTGS105_-181K
180
1.0k
.63
.72
CTGS105_-221K
220
1.0k
.73
.66
CTGS105_-271K
270
1.0k
.97
.57
CTGS105_-331K
330
1.0k
1.1
.52
CTGS105_-391K
390
1.0k
1.3
.48
CTGS105_-471K
470
1.0k
1.5
.42
CTGS105_-561K
560
1.0k
1.9
.33
CTGS105_-681K
680
1.0k
2.2
.28
CTGS105_-821K
820
1.0k
2.5
.24
CTGS105 Series
From 4.7 µH to 820 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD power inductor
Applications: VTR power supplies, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters
Operating Temperature: -30°C to +100°C
Inductance Tolerance: ±10%, ±20%
Testing: Inductance is tested on an HP4284A or HP4285A at
specified frequency
Packaging: Tape & Reel
Marking: Marked with inductance code
Rated DC: The value of current when the inductance is 10%
lower than its initial value at 0 Adc or D.C. current when at
ΔT = 40°C whichever is lower
Miscellaneous: RoHS Compliant available.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PHYSICAL DIMENSIONS
ENGINEERING KIT #7
RoHS
Compliant
Available


同様の部品番号 - CTGS105

メーカー部品番号データシート部品情報
logo
Central Technologies
CTGS105F CT-CTGS105F Datasheet
139Kb / 1P
Power Inductors - Unshielded
CTGS105F-100K CT-CTGS105F-100K Datasheet
139Kb / 1P
Power Inductors - Unshielded
CTGS105F-100M CT-CTGS105F-100M Datasheet
139Kb / 1P
Power Inductors - Unshielded
CTGS105F-101K CT-CTGS105F-101K Datasheet
139Kb / 1P
Power Inductors - Unshielded
CTGS105F-101M CT-CTGS105F-101M Datasheet
139Kb / 1P
Power Inductors - Unshielded
More results

同様の説明 - CTGS105

メーカー部品番号データシート部品情報
logo
Central Technologies
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
Power Inductors - Unshielded
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
Power Inductors - Unshielded
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
Power Inductors - Unshielded
CT875FUF CT-CT875FUF Datasheet
95Kb / 1P
Power Inductors - Unshielded
CTDO3306F CT-CTDO3306F Datasheet
196Kb / 1P
Power Inductors - Unshielded
CTDO3308F CT-CTDO3308F Datasheet
381Kb / 1P
Power Inductors - Unshielded
CTGS32F CT-CTGS32F Datasheet
328Kb / 1P
Power Inductors - Unshielded
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com