データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CTGS137F データシート(PDF) 1 Page - Central Technologies

部品番号 CTGS137F
部品情報  Power Inductors - Unshielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CT [Central Technologies]
ホームページ  http://www.ctparts.com
Logo CT - Central Technologies

CTGS137F データシート(HTML) 1 Page - Central Technologies

  CTGS137F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Unshielded
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2008 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
03.19.08
PAD LAYOUT
14.0
4.5
Unit: mm
Size
A
B
C
D
Typ.
mm
13±0.5
13±0.5
7±0.3
5
inches
0.512±0.020
0.512±0.020
0.276±0.012
0.197
SPECIFICATIONS
Part numbers indicate available tolerance
K = ±10%, M = ±20%
Q Test
SRF
DCR
Irms
Isat
Part
Ind.
Q
Freq.
Typ.
Typ.
Max.
Typ.
Number
(µH)
Ref.
(MHz)
(MHz)
(m
Ω
Ω)
(A)
(A)
CTGS137F-1R5M
1.5
20
7.96
65
5.0
9.50
20.0
CTGS137F-2R2M
2.2
22
7.96
50
6.0
9.00
18.0
CTGS137F-2R7M
2.7
24
7.96
40
8.0
8.20
16.0
CTGS137F-3R3M
3.3
26
7.96
38
8.7
7.50
15.0
CTGS137F-4R7M
4.7
25
7.96
36
10
7.00
13.0
CTGS137F-5R6M
5.6
24
7.96
28
15
6.50
11.0
CTGS137F-6R8M
6.8
24
7.96
26
17
6.00
10.5
CTGS137F-8R2M
8.2
24
7.96
24
19
5.80
9.8
CTGS137F-100M
10
22
2.52
22
21
5.60
9.2
CTGS137F-120M
12
25
2.52
20
30
4.80
8.0
CTGS137F-150M
15
28
2.52
17
34
4.50
7.5
CTGS137F-180M
18
28
2.52
16
36
4.20
7.0
CTGS137F-220M
22
40
2.52
15
47
3.60
6.5
CTGS137F-270M
27
35
2.52
11
60
3.30
5.5
CTGS137F-330K
33
35
2.52
10
65
3.10
5.0
CTGS137F-390K
39
28
2.52
9.0
75
2.90
4.6
CTGS137F-470K
47
24
2.52
7.5
82
2.70
4.2
CTGS137F-560K
56
22
2.52
7.2
95
2.50
3.8
CTGS137F-680K
68
24
2.52
7.0
120
2.30
3.5
CTGS137F-820K
82
18
2.52
6.0
140
2.10
3.2
CTGS137F-101K
100
25
0.796
5.8
180
1.90
3.0
CTGS137F-121K
120
20
0.796
5.5
210
1.80
2.8
CTGS137F-151K
150
20
0.796
4.5
250
1.60
2.6
CTGS137F-181K
180
18
0.796
4.0
280
1.50
2.3
CTGS137F-221K
220
15
0.796
3.8
360
1.30
2.1
CTGS137F-271K
270
15
0.796
3.5
410
1.20
1.8
CTGS137F-331K
330
15
0.796
3.2
520
1.10
1.6
CTGS137F-391K
390
12
0.796
2.5
600
1.00
1.5
CTGS137F-471K
470
12
0.796
2.2
720
0.90
1.4
CTGS137F-561K
560
10
0.796
2.0
880
0.85
1.3
CTGS137F-681K
680
10
0.796
1.6
1000
0.80
1.2
CTGS137F-821K
820
10
0.796
1.5
1300
0.75
1.1
CTGS137F-102K
1000
10
0.252
1.4
1600
0.65
1.0
CTGS137F Series
From 1.5 µH to 1000 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD power inductor
Applications: VTR power supplies, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters
Operating Temperature: -40°C to +105°C
Storage Temperature: -40°C to +125°C
Inductance Tolerance: ±10%, ±20%
Testing: Inductance is tested on an HP4284A or HP4285A at
100kHz, 0.1Vrms
Packaging: Tape & Reel
Marking: Marked with inductance code
Isat: Inductance drop = 10% typ. at Isat
Irms:
ΔT = 40°C rise typ. at Irms
Miscellaneous: RoHS Compliant
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PHYSICAL DIMENSIONS
B
C
A
D
Marking:
Inductance Code
RoHS
Compliant


同様の部品番号 - CTGS137F

メーカー部品番号データシート部品情報
logo
Central Technologies
CTGS104 CT-CTGS104 Datasheet
175Kb / 1P
Power Inductors - Unshielded
CTGS104-100M CT-CTGS104-100M Datasheet
175Kb / 1P
Power Inductors - Unshielded
CTGS104-101K CT-CTGS104-101K Datasheet
175Kb / 1P
Power Inductors - Unshielded
CTGS104-120M CT-CTGS104-120M Datasheet
175Kb / 1P
Power Inductors - Unshielded
CTGS104-121K CT-CTGS104-121K Datasheet
175Kb / 1P
Power Inductors - Unshielded
More results

同様の説明 - CTGS137F

メーカー部品番号データシート部品情報
logo
Central Technologies
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
Power Inductors - Unshielded
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
Power Inductors - Unshielded
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
Power Inductors - Unshielded
CT875FUF CT-CT875FUF Datasheet
95Kb / 1P
Power Inductors - Unshielded
CTDO3306F CT-CTDO3306F Datasheet
196Kb / 1P
Power Inductors - Unshielded
CTDO3308F CT-CTDO3308F Datasheet
381Kb / 1P
Power Inductors - Unshielded
CTGS32F CT-CTGS32F Datasheet
328Kb / 1P
Power Inductors - Unshielded
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com