| データシートサーチシステム |
|
SN75469N データシート(PDF) 7 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN75469N データシート(HTML) 7 Page - Texas Instruments |
|
7 / 9 page ![]() SN75468, SN75469 DARLINGTON TRANSISTOR ARRAYS SLRS023B – DECEMBER 1976 – REVISED SEPTEMBER 1995 3–7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 THERMAL INFORMATION 0 Duty Cycle – % 600 100 0 10 20 30 40 50 60 70 80 90 100 200 300 400 500 TA = 70°C N = Number of Outputs Conducting Simultaneously N = 6 N = 7 N = 1 500 400 300 200 100 90 80 70 60 50 40 30 20 10 0 100 600 Duty Cycle – % 0 N = 7 TA = 70°C D PACKAGE MAXIMUM COLLECTOR CURRENT vs DUTY CYCLE N PACKAGE MAXIMUM COLLECTOR CURRENT vs DUTY CYCLE N = 5 N = 4 N = 3 N = 2 N = 1 N = 5 N = 4 N = 3 N = 2 N = 6 Conducting Simultaneously N = Number of Outputs Figure 14 Figure 15 |