| データシートサーチシステム |
|
CSS-314B7 データシート(PDF) 3 Page - China Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
CSS-314B7 データシート(HTML) 3 Page - China Semiconductor Corporation |
|
3 / 6 page ![]() CHINA SEMICONDUCTOR Spec. No. CORPORATION Rev. Internal Circuit Diagrams - Absolute Maximum Rating - (Ta=25 ) Symbol Unit Pd mW IAF mA IPF mA - mA/ VR V Topr Tstg Page 2/5 http://www.csctw.com.tw Parameter Rating Reverse Voltage Per Dice Power Dissipation Per Dice 0.4 100 30 5 -35 ~ +85 Solder temperature 1/16 inch below seating plane for 3 seconds at 260 PS-ND-0807 A Continuous Forward Current Per Dice Derating Linear From 25 Per Dice 120 Model No CSS-314B7/315B7 Peak Current Per Dice Operating Temperature -35 ~ +85 Storage Temperature |