| データシートサーチシステム |
|
CSS-1014E データシート(PDF) 3 Page - China Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
CSS-1014E データシート(HTML) 3 Page - China Semiconductor Corporation |
|
3 / 7 page ![]() CHINA SEMICONDUCTOR Spec. No. CORPORATION Rev. Internal Circuit Diagrams - Absolute Maximum Rating - (Ta=25 ) Symbol Unit Pd mW IAF mA IPF mA - mA/ VR V Topr Tstg Page 2/5 http://www.csctw.com.tw Parameter Rating Reverse Voltage Per Dice Power Dissipation Per Dice 5 0.33 90 Storage Temp. -35 ~ +85 Solder temperature 1/16 inch below seating plane for 3 seconds at 260 PS-ND-0711 A Continuous Forward Current Per Dice Derating Linear From 25 Per Dice 70 Model No CSS-1014E/1015E 25 Peak Current Per Dice Operating Temp. -35 ~ +85 |