| データシートサーチシステム |
|
CSS-1018G データシート(PDF) 3 Page - China Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
CSS-1018G データシート(HTML) 3 Page - China Semiconductor Corporation |
|
3 / 6 page ![]() CHINA SEMICONDUCTOR Spec. No. CORPORATION Rev. Internal Circuit Diagrams - Absolute Maximum Rating - (Ta=25 ) Symbol Unit Pd mW IAF mA IPF mA - mA/ VR V Topr Tstg Page 2/5 Continuous Forward Current Per Dice Derating Linear From 25 Per Dice 75 Model No CSS-1018G/1019G 25 Peak Current Per Dice (Duty cycle 1/10,1KHz) 5 Reverse Voltage Per Dice 0.33 90 Power Dissipation Per Dice PS-ND-0711 A http://www.csctw.com.tw Parameter Rating Storage Temp. -35 ~ +85 Solder temperature 1/16 inch below seating plane for 3 seconds at 260 Operating Temp. -35 ~ +85 |