データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN28835FS データシート(PDF) 3 Page - Texas Instruments

部品番号 SN28835FS
部品情報  786- 횞 488-pixel ccd image sensor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN28835FS データシート(HTML) 3 Page - Texas Instruments

  SN28835FS Datasheet HTML 1Page - Texas Instruments SN28835FS Datasheet HTML 2Page - Texas Instruments SN28835FS Datasheet HTML 3Page - Texas Instruments SN28835FS Datasheet HTML 4Page - Texas Instruments SN28835FS Datasheet HTML 5Page - Texas Instruments SN28835FS Datasheet HTML 6Page - Texas Instruments SN28835FS Datasheet HTML 7Page - Texas Instruments SN28835FS Datasheet HTML 8Page - Texas Instruments SN28835FS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TC245
786-
× 488-PIXEL CCD IMAGE SENSOR
SOCS019A – DECEMBER 1991
2-3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
sensor topology diagram
1
1/2
244
755 + 1/2 + 1/2
Effective Imaging Area
1
29 + 1/2
2 Lines
Reverse Transfer
Reverse Transfer
252
252
251 + 1/2 + 1/2
10
10
9.5
11
11
11.5
Dummy Pixels
OPB
Terminal Functions
PIN
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
ABG†
3
I
Antiblooming gate
ABG†
18
I
Antiblooming gate
ADB
4
I
Supply voltage for amplifier drain bias
AMP GND
8
Amplifier ground
CDB
9
I
Supply voltage for clearing drain bias
IAG†
2
I
Image-area gate
IAG†
19
I
Image-area gate
IDB
11
I
Supply voltage for input diode bias
OUT1
7
O
Output signal 1
OUT2
6
O
Output signal 2
OUT3
5
O
Output signal 3
SAG
17
I
Storage-area gate
SRG1
14
I
Serial-register gate 1
SRG2
15
I
Serial-register gate 2
SRG3
16
I
Serial-register gate 3
SUB†
1
Substrate and clock return
SUB†
10
Substrate and clock return
SUB†
20
Substrate and clock return
TRG
12
I
Transfer gate
† All pins of the same name should be connected together externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19