| データシートサーチシステム |
|
TCM4400EPET データシート(PDF) 37 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TCM4400EPET データシート(HTML) 37 Page - Texas Instruments |
|
37 / 64 page ![]() TCM4400E GSM/DCS BASEBAND AND VOICE A/D AND D/A RF INTERFACE CIRCUIT SLWS082A – JULY 1999 – REVISED MARCH 2000 37 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PRINCIPLES OF OPERATION boundary scan register CTL IN TDI TDO OUT PWRDN SSCLK IN OUT SSDR SSDX IN OUT SSRST VCLK CTL IN VDR OUT CTL VDX OUT CTL VFS IN IN RESET BFSR OUT IN BCLKR IN OUT BDR BDX CTL OUT BCLKX OUT BFSX CTL IN UCLKR CTL IN OUT UCDR UCDX CTL IN UCSEL IN BENA IN BDLON IN BULON IN BCAL power-down functional description During certain mobile activity (such as paging, conversation mode, or idle) it is possible to disable some TCM4400E functions in order to lower the power consumption. For example, it is possible to disable the internal functions dedicated to radio transmission during GSM-idle mode. It is also possible to disable the internal demodulator path during transmit window. There are three ways to control the power consumption of the internal blocks as described in the following paragraphs. direct control with internal register With this method these internal blocks are powered down: • DAI GSM tests: bit DAION of register VBCTL3 • Transmit and receive voice path: bit VULON of register VBCTL1 and bit VDLON of register VBCTL2 |