| データシートサーチシステム |
|
CSS-4181G データシート(PDF) 3 Page - China Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
CSS-4181G データシート(HTML) 3 Page - China Semiconductor Corporation |
|
3 / 6 page ![]() CHINA SEMICONDUCTOR Spec. No. CORPORATION Rev. Internal Circuit Diagrams - Absolute Maximum Rating - (Ta=25 ) Symbol Unit Pd mW IAF mA IPF mA - mA/ VR V Topr Tstg Page 2/5 PS-ND-0807 A Continuous Forward Current Per Dice Continuous Forward Current Per Dice 70 Model No CSS-4180G/4181G 25 Peak Current Per Dice 5 0.33 90 Operating Temperature -35 ~ +85 Storage Temperature -35 ~ +85 Solder temperature 1/16 inch below seating plane for 3 seconds at 260 Reverse Voltage Per Dice Power Dissipation Per Dice http://www.csctw.com.tw Parameter Rating |