| データシートサーチシステム |
|
THS4601CDDA データシート(PDF) 18 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
THS4601CDDA データシート(HTML) 18 Page - Texas Instruments |
|
18 / 27 page ![]() THS4601 SLOS388B – OCTOBER 2001 – REVISED JUNE 2002 18 www.ti.com APPLICATION INFORMATION alternative transimpedance configurations (continued) The third configuration uses a capacitive T-network to achieve fine control of the compensation capacitance. The capacitor CF3 can be used to tune the total effective feedback capacitance to a very fine degree. This circuit behaves the same as the basic transimpedance configuration, with the effective CF given by equation 4. 1 C FEQ + 1 C F1 1 ) C F3 C F2 _ + CF2 RL RF –VBias CF1 CF3 NOTE: A capacitive T-network enables fine control of the effective feedback capacitance using relatively large capacitor values. λ Figure 35. Alternative Transimpedance Configuration #3 summary of key decisions in transimpedance design The following is a quick, simplified process for basic transimpedance circuit design. This process gives a quick start to the design process, though it does ignore some aspects that may be critical to the circuit. Step 1: Determine the capacitance of the source. Step 2: Calculate the total source capacitance, including the amplifier input capacitance, CICM and CIDIFF. Step 3: Determine the magnitude of the possible current output from the source, including the minimum signal current anticipated and maximum signal current anticipated. Step 4: Choose a feedback resistor value such that the input current levels create the desired output signal voltages, and ensure that the output voltages can accommodate the dynamic range of the input signal. Step 5: Calculate the optimum feedback capacitance using equation 1. Step 6: Calculate the bandwidth given the resulting component values. Step 7: Evaluate the circuit to see if all design goals are satisfied. (4) |