| データシートサーチシステム |
|
32SERIES データシート(PDF) 3 Page - Mallory performance club |
|
|
|||||||||||||||||||||||||||||
32SERIES データシート(HTML) 3 Page - Mallory performance club |
|
3 / 3 page ![]() FORM 1418M 04/05 INSTALLATION INSTRUCTIONS YH ADVANCE ASSEMBLY ADJUSTMENT PROCEDURE Distributor part numbers that end with the letter “H” have this type of advance. Mallory Advance Curve Change Kit Part No. 29014 is required to change the amount and rate of advance. The kit includes degree keys that range from 14 ° to 28°. Five sets of springs are also included, with instructions to plot advance curves. After tightening the adjustment screws, recheck the adjustment on both tabs to ensure they are equally adjusted. www.malloryracing.com 1 MALLORY IS A DIVISION OF THE MR. GASKET PERFORMANCE GROUP 10601 MEMPHIS AVE. #12, CLEVELAND, OH 44144 216.688.8300 FAX 216.688.8306 FORM 1418M 04/05 Made in U.S.A. Printed in U.S.A. |