データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2780 データシート(PDF) 1 Page - KR Electronics, Inc.

部品番号 2780
部品情報  Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KR [KR Electronics, Inc.]
ホームページ  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2780 データシート(HTML) 1 Page - KR Electronics, Inc.

  2780 Datasheet HTML 1Page - KR Electronics, Inc. 2780 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2007, KR Electronics, Inc.
CH1
S 21
log MAG
1 dB/
REF 0 dB
CENTER 130.000 000 MHz
SPAN 22.000 000 MHz
Cor
PRm
CH2
S 21
delay
REF 35 ns
10 ns/
Cor
Smo
PRm
24 Aug 2007 12:22:58
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
CENTER 130.000 000 MHz
SPAN 200.000 000 MHz
Cor
PRm
24 Aug 2007 12:23:58
KR Electronics
KR 2780 is a 130 MHz bandpass filter. The filter has a 3 dB
bandwidth of 20 MHz and is designed for a source and load im-
pedance of 75
Ω. Other passband frequencies are available.
Please consult the factory.
General Description
KR Electronics, Inc.
Features
• 130 MHz Center Frequency
• SMA Connectors
• 75 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 10 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


同様の部品番号 - 2780

メーカー部品番号データシート部品情報
logo
Heyco.
2780 HEYCO-2780 Datasheet
141Kb / 1P
Glossy and Thick Panel Glossy Plugs
logo
List of Unclassifed Man...
27800 ETC-27800 Datasheet
83Kb / 3P
2-Axis Joystick (#27800)
1/16/2012
logo
PHOENIX CONTACT
2780014 PHOENIX-2780014 Datasheet
141Kb / 11P
Feed-through terminal block - UXKK 4
09/12/2020
logo
List of Unclassifed Man...
27801 ETC2-27801 Datasheet
171Kb / 1P
Precision ESD Safe TORX Drivers
27802 ETC2-27802 Datasheet
171Kb / 1P
Precision ESD Safe TORX Drivers
More results

同様の説明 - 2780

メーカー部品番号データシート部品情報
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com