| データシートサーチシステム |
|
S12SCIV2 データシート(PDF) 33 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
S12SCIV2 データシート(HTML) 33 Page - Motorola, Inc |
|
33 / 138 page ![]() MC9S12DT128 Device User Guide — V02.09 33 $0015 - $0016 INT map 1 of 2 (HCS12 Interrupt) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $0015 ITCR Read: 0 0 0 WRINT ADR3 ADR2 ADR1 ADR0 Write: $0016 ITEST Read: INTE INTC INTA INT8 INT6 INT4 INT2 INT0 Write: $0017 - $0017 MMC map 2 of 4 (HCS12 Module Mapping Control) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $0017 MTST1 Test Only Read: Bit 7 654321 Bit 0 Write: $0018 - $0019 Reserved Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $0018 - $0019 Reserved Read: 00000000 Write: $001A - $001B Device ID Register (Table 1-3) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $001A PARTIDH Read: ID15 ID14 ID13 ID12 ID11 ID10 ID9 ID8 Write: $001B PARTIDL Read: ID7 ID6 ID5 ID4 ID3 ID2 ID1 ID0 Write: $001C - $001D MMC map 3 of 4 (HCS12 Module Mapping Control, Table 1-4) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $001C MEMSIZ0 Read: reg_sw0 0 eep_sw1 eep_sw0 0 ram_sw2 ram_sw1 ram_sw0 Write: $001D MEMSIZ1 Read: rom_sw1 rom_sw0 0000 pag_sw1 pag_sw0 Write: $001E - $001E MEBI map 2 of 3 (HCS12 Multiplexed External Bus Interface) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $001E INTCR Read: IRQE IRQEN 000000 Write: $001F - $001F INT map 2 of 2 (HCS12 Interrupt) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $001F HPRIO Read: PSEL7 PSEL6 PSEL5 PSEL4 PSEL3 PSEL2 PSEL1 0 Write: |