| データシートサーチシステム |
|
FT4232H データシート(PDF) 33 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT4232H データシート(HTML) 33 Page - Future Technology Devices International Ltd. |
|
33 / 43 page ![]() Copyright © 2009 Future Technology Devices International Limited 33 Document No.: FT_000060 FT4232H QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC Datasheet Version 2.05 Clearance No.: FTDI#78 6.4 4 Channel Transmit and Receiver LED Indication Example The following example illustrates how a 74HCT595 can be used to decode the EEDATA data to indicate Tx and Rx on each of the channels. The associated LED will light when the Channel is transmitting or receiving data. Figure 6.6 Using 74HCT595 to Indicate Tx and Rx Data In this configuration, the LEDs will flash when the EEPROM is accessed. For example during enumeration. Under normal operation, the EECS is held low to disable access to the EEPROM. In this special case, the EECLK will clock the EEDATA into the 74HCT595 shift register (with EECS low, therefore EEPROM ignores the EEDATA). Then EECS will pulse high. The rising edge of the EECS latches the data into a storage register of the 74HCT595 which drives the LEDs. Please refer to the 74HCT595 datasheet for further explanation. |