| データシートサーチシステム |
|
SWFC4110P データシート(PDF) 3 Page - OPLINK Communications Inc. |
|
|
|||||||||||||||||||||||||||||
SWFC4110P データシート(HTML) 3 Page - OPLINK Communications Inc. |
|
3 / 3 page ![]() Ordering Information MIni SWFC Series Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink's OEM design team or account manager for your requirements and ordering information (510) 933-7200. R3.20070824 Product Lines Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Interconnect Amplification RGB Laser Modules 0 0 Connector Type None= 1 FC/PC= 2 FC/SPC= 3 FC/APC= 4 SC/PC= 5 SC/SPC= 6 SC/APC= 7 ST= 8 LC= 9 MU= A SWFC Fiber Length 1.0 meter= 1 1.5 meter= 5 2.0 meter= 2 0.5 meter= H S band= 4 TapRatio Mini Single Window Single Mode Fiber Coupler 1310nm= 3 980nm= 9 Type Wavelength 2x2= 2 1x2= 1 Type A Grade= A P Grade= P C+L band= 1 L band= 6 C band= 5 Package Type P5= 5 P8= 8 Fiber Type Corning SMF-28= 1 Corning HI1060= 6 Corning HI980= 9 OFS BF05635-02= 7 80µm RC SMF-28= 8* (P8 only) Note: * 80µm RC SMF-28 fiber option is for bare fiber only (no connectors). 50/50= 50 45/55= 45 40/60= 40 35/65= 35 30/70= 30 25/75= 25 20/80= 20 15/85= 15 10/90= 10 5/95= 05 3/97= 03 2/98= 02 1/99= 01 |