| データシートサーチシステム |
|
TLC27L2ACD データシート(PDF) 19 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC27L2ACD データシート(HTML) 19 Page - Texas Instruments |
|
19 / 33 page ![]() TLC27L2, TLC27L2A, TLC27L2B, TLC27L7 LinCMOS ™ PRECISION DUAL OPERATIONAL AMPLIFIERS SLOS052B – OCTOBER 1987 – REVISED AUGUST 1994 19 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS† Figure 14 VID = – 1 V VID = – 100 mV VDD = 5 V IOL = 5 mA TA = 25°C 600 500 400 3 2 1 700 4 VIC – Common-Mode Input Voltage – V 300 0 LOW-LEVEL OUTPUT VOLTAGE vs DIFFERENTIAL INPUT VOLTAGE 0.5 1.5 2.5 3.3 Figure 15 VID = – 100 mV VID = – 2.5 V VID = – 1 V TA = 25°C IOL = 5 mA VDD = 10 V 10 8 6 4 2 500 450 400 350 300 VIC – Common-Mode Input Voltage – V 0 250 LOW-LEVEL OUTPUT VOLTAGE vs FREE-AIR TEMPERATURE 13 5 7 9 Figure 16 TA = 25°C VIC = |VID/2| IOL = 5 mA 0 100 200 300 400 500 600 700 800 –8 –6 –4 –2 –10 VID – Differential Input Voltage – V 0 LOW-LEVEL OUTPUT VOLTAGE vs DIFFERENTIAL INPUT VOLTAGE –1 –3 –5 –7 –9 VDD = 10 V VDD = 5 V Figure 17 VDD = 5 V 800 700 600 500 400 300 200 100 100 75 50 25 0 –25 –50 900 125 TA – Free-Air Temperature – °C 0 –75 LOW-LEVEL OUTPUT VOLTAGE vs FREE-AIR TEMPERATURE IOL = 5 mA VID = – 1 V VIC = 0.5 V VDD = 10 V † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. |