データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N5400PT データシート(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

部品番号 1N5400PT
部品情報  VOLTAGE RANGE 50 - 1000 Volts CURRENT 3.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHENMKO [Chenmko Enterprise Co. Ltd.]
ホームページ  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

1N5400PT データシート(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  1N5400PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 1N5400PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Low cost
* Low leakage
* Low forward voltage drop
* High current capability
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
1N5400PT
THRU
1N5408PT
DO-201AD
DO-201AD
Dimensions in inches and (millimeters)
CHENMKO ENTERPRISE CO.,LTD
SILICON RECTIFIER
VOLTAGE RANGE 50 - 1000 Volts
CURRENT 3.0 Amperes
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2001-6
CHARACTERISTICS
SYMBOL
UNITS
0.95
5.0
@ TA = 25
oC
uAmps
50
uAmps
Volts
Maximum Instantaneous Forward Voltage at 3.0 A DC
Maximum Reverse Current at rated
DC blocking Voltage per leg
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
0.375" (9.5mm) lead length at TL = 105
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance ( Note )
Operating and Storage Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
CJ
VF
30
uAmps
Maximum Full Load Reverse Current Average, Full Cycle
0.375" (9.5mm) lead length at TL = 75
oC
IR
TJ, TSTG
IFSM
UNITS
Volts
Volts
Volts
Amps
1N5400PT
50
35
50
1N5402PT
200
140
200
1N5404PT
280
400
400
1N5406PT
600
420
600
1N5407PT
800
560
800
1N5408PT
1000
700
1000
3.0
200
40
-65 to +175
Amps
pF
Typical Thermal Resistance
R JA
30
oC / W
oC
1N5401PT
100
70
100
Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts
@ TA = 100
oC
Case: JEDEC DO-201AD molded plastic
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 1.18 grams
MECHANICAL DATA
0.052(1.3)
0.048(1.2)
DIA.
0.220(5.6)
0.197(5.0)
0.375(9.5)
0.335(8.5)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
DIA.
1N5400PT
1N5402PT 1N5404PT 1N5406PT 1N5407PT 1N5408PT
1N5401PT


同様の部品番号 - 1N5400PT

メーカー部品番号データシート部品情報
logo
Motorola, Inc
1N5400 MOTOROLA-1N5400 Datasheet
44Kb / 2P
STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE
logo
Pan Jit International I...
1N5400 PANJIT-1N5400 Datasheet
51Kb / 2P
HIGH CURRENT PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
logo
Surge Components
1N5400 SURGE-1N5400 Datasheet
121Kb / 2P
3.0 AMPS. SILICON RECTIFIERS?
logo
Transys Electronics
1N5400 TRSYS-1N5400 Datasheet
155Kb / 2P
HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Wing Shing Computer Com...
1N5400 WINGS-1N5400 Datasheet
278Kb / 2P
SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
More results

同様の説明 - 1N5400PT

メーカー部品番号データシート部品情報
logo
Wing Shing Computer Com...
1N5400 WINGS-1N5400 Datasheet
278Kb / 2P
SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
logo
DAESAN ELECTRONIC CORP.
KBPC3005 DAESAN-KBPC3005 Datasheet
178Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
FR301 DAESAN-FR301 Datasheet
312Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
HER301G DAESAN-HER301G Datasheet
306Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Shenzhen Ping Sheng Ele...
KBP301 PFS-KBP301 Datasheet
556Kb / 2P
Voltage Range 50 to 1000 Volts Current 3.0 Amperes
logo
WILLAS ELECTRONIC CORP
BR305 WILLAS-BR305 Datasheet
267Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes
1N5400 WILLAS-1N5400 Datasheet
283Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes
FR301 WILLAS-FR301 Datasheet
280Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes
logo
DONGGUAN YOU FENG WEI E...
KBP301-KBP YFWDIODE-KBP301-KBP Datasheet
895Kb / 2P
Voltage Range 50 to 1000 Volts Current 3.0 Amperes
logo
PACELEADER INDUSTRIAL
FR301 PACELEADER-FR301 Datasheet
469Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com