| データシートサーチシステム |
|
TLE2144AIN データシート(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2144AIN データシート(HTML) 39 Page - Texas Instruments |
|
39 / 70 page ![]() TLE214x, TLE214xA EXCALIBUR LOW NOISE HIGHSPEED PRECISION OPERATIONAL AMPLIFIERS SLOS183C − FEBRUARY 1997 − REVISED JUNE 2006 39 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLE2144M operating characteristics, VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS TLE2144M TLE2144AM UNIT PARAMETER TEST CONDITIONS MIN TYP MAX MIN TYP MAX UNIT SR + Positive slew rate AVD = − 1, RL = 2 kΩ†, 45 45 V/ s SR − Negative slew rate AVD = − 1, CL = 500 pF RL = 2 kΩ†, 42 42 V/ µs ts Settling time AVD = − 1, To 0.1% 0.16 0.16 s ts Settling time AVD = − 1, 2.5-V step To 0.01% 0.22 0.22 µs Vn Equivalent input noise voltage RS = 20 Ω, f = 10 Hz 15 15 nV/ √Hz Vn Equivalent input noise voltage RS = 20 Ω, f = 1 kHz 10.5 10.5 nV/ √Hz VN(PP) Peak-to-peak equivalent input f = 0.1 Hz to 1 Hz 0.48 0.48 V VN(PP) Peak-to-peak equivalent input noise voltage f = 0.1 Hz to 10 Hz 0.51 0.51 µV In Equivalent input noise current f = 10 Hz 1.92 1.92 pA/ √Hz In Equivalent input noise current f = 1 kHz 0.5 0.5 pA/ √Hz THD + N Total harmonic distortion plus VO = 1 V to 3 V, RL = 2 kΩ†, 0.0052% 0.0052% THD + N Total harmonic distortion plus noise VO = 1 V to 3 V, AVD = 2, RL = 2 kΩ†, f = 10 kHz 0.0052% 0.0052% B1 Unity-gain bandwidth RL = 2 kΩ†, CL = 100 pF 5.9 5.9 MHz B1 Unity-gain bandwidth RL = 2 kΩ†, CL = 100 pF 5.9 5.9 MHz Gain-bandwidth product RL = 2 kΩ†, CL = 100 pF, 5.8 5.8 MHz Gain-bandwidth product RL = 2 kΩ†, f = 100 kHz CL = 100 pF, 5.8 5.8 MHz BOM Maximum output-swing VO(PP) = 2 V, RL = 2 kΩ†, 660 660 kHz BOM Maximum output-swing bandwidth VO(PP) = 2 V, AVD = 1 RL = 2 kΩ†, 660 660 kHz φm Phase margin RL = 2 kΩ†, CL = 100 pF 57 ° 57 ° † RL terminates at 2.5 V |