| データシートサーチシステム |
|
TMS320F241FN データシート(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320F241FN データシート(HTML) 24 Page - Texas Instruments |
|
24 / 66 page ![]() TMS320C242 DSP CONTROLLER SPRS063B – DECEMBER 1997 – REVISED DECEMBER 1999 24 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 clock domains (continued) Two control bits, LPM(1) and LPM(0), specify which of the three possible low-power modes is entered when the IDLE instruction is executed (see Table 7). These bits are located in the System Control and Status Register (SCSR) described in the TMS320F243,F241,C242 DSP Controllers System and Peripherals User’s Guide Volume 2 (literature number SPRU276). Table 7. Low-Power Modes Summary LOW-POWER MODE LPMx BITS SCSR[13:12] CPU CLOCK DOMAIN SYSTEM CLOCK DOMAIN WDCLK STATUS PLL STATUS OSC STATUS EXIT CONDITION CPU running normally XX On On On On On — IDLE1 – (LPM0) 00 Off On On On On Peripheral Interrupt, External Interrupt, Reset IDLE2 – (LPM1) 01 Off Off On On On Wakeup Interrupts, External Interrupt, Reset HALT – (LPM2) {PLL/OSC power down} 1X Off Off Off Off Off Reset Only wakeup from low-power modes reset A reset (from any source) causes the device to exit any of the IDLE modes. If the device is halted, the reset will first start the oscillator, and there can be a delay while the oscillator powers up before clocks are generated to initiate the CPU reset sequence. external interrupts The external interrupts, XINTx, can cause the device to exit any of the low-power modes, except HALT. If the device is in IDLE2 mode, the synchronous logic connected to the external interrupt pins is bypassed with combinatorial logic which recognizes the interrupt on the pin, starts the clocks, and then allows the clocked logic to generate an interrupt request to the PIE controller. Note that in Table 7, external interrupts include PDPINT. |