| データシートサーチシステム |
|
TMS320UC5402 データシート(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320UC5402 データシート(HTML) 2 Page - Texas Instruments |
|
2 / 63 page ![]() TMS320UC5402 FIXED-POINT DIGITAL SIGNAL PROCESSOR SPRS096A – APRIL 1999 – REVISED DECEMBER 1999 2 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 description (continued) Texas Instrument DSPs do not require specific power sequencing between the core supply and the I/O supply. However, systems should be designed to ensure that neither supply is powered up for extended periods of time if the other supply is below the proper operating voltage. Excessive exposure to these conditions can adversely affect the long term reliability of the device. System-level concerns such as bus contention may require supply sequencing to be implemented. In this case, the core supply should be powered up at the same time as, or prior to, the I/O buffers and powered down after the I/O buffers. The ’UC5402 is based on an advanced modified Harvard architecture that has one program memory bus and three data memory buses. This processor provides an arithmetic logic unit (ALU) with a high degree of parallelism, application-specific hardware logic, on-chip memory, and additional on-chip peripherals. The basis of the operational flexibility and speed of this DSP is a highly specialized instruction set. NOTE: For detailed information on the architecture of the ’C5000 family of DSPs, see the TMS320C5000 DSP Family Functional Overview (literature number SPRU307). |