| データシートサーチシステム |
|
TMS77C82 データシート(PDF) 28 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS77C82 データシート(HTML) 28 Page - Texas Instruments |
|
28 / 59 page ![]() TMS370Cx7x 8-BIT MICROCONTROLLER SPNS034C – SEPTEMBER 1995 – REVISED FEBRUARY 1997 28 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 timer 1 (T1) module (continued) D Simple-counter configuration for mask-ROM devices only (see Figure 10) – Simple counter can be configured as an event counter, pulse accumulator, or an interval timer. 16-Bit Watchdog Counter Reset Prescaler Clock Watchdog Reset Key WD OVRFL TAP SEL T1CTL1.7 WDRST.7-0 WDCNTR.15-0 T1CTL2.5 WD OVFL INT FLAG WD OVRFL INT ENA Interrupt T1CTL2.6 Figure 10. Simple Counter timer 2A (T2A) module The 16-bit general-purpose timer 2A (T2A) module is composed of a 16-bit resettable counter, 16-bit compare register with associated compare logic, 16-bit capture register, and a 16-bit register that functions as a capture register in one mode and as a compare register in the other mode. The T2A module adds an additional timer that provides event count, input capture, and compare functions. The T2A module includes three external device pins that can be dedicated as timer functions or used as general-purpose I/O pins. The T2A module block diagram is shown in Figure 11. |