| データシートサーチシステム |
|
TMS77C82 データシート(PDF) 38 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS77C82 データシート(HTML) 38 Page - Texas Instruments |
|
38 / 73 page ![]() TMS370Cx6x 8-BIT MICROCONTROLLER SPNS033C – SEPTEMBER 1995 – REVISED FEBRUARY 1997 38 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 serial peripheral interface (SPI) module (continued) The SPI block diagram is illustrated in Figure 14. SPIBUF Buffer Register SPIDAT Data Register SPIBUF.7-0 State Control SPI CHAR SPI BIT RATE CLOCK POLARITY SPI INT FLAG SPICTL.6 SPIINT ENA SPICTL.0 RECEIVER OVERRUN 8 SPIDAT.7-0 SPICTL.1 TALK 20 1 3 4 5 SPICCR.2-0 SPICCR.5-3 System Clock SPICCR.6 SPICLK MASTER/SLAVE† SPICTL.7 Level 2 INT SPIPRI.6 1 SPIPC2.7-4 SPISIMO SPICTL.2 SPIPC1.3-0 SPISOMI SPIPC2.3-0 Level 1 INT 0 † The diagram is shown in slave mode. Figure 14. SPI Block Diagram serial communications interface 1 (SCI1) module The TMS370x6x devices include a serial communications interface (SCI1) module. The SCI1 module supports digital communications between the TMS370 devices and other asynchronous peripherals and uses the standard non-return-to-zero (NRZ) format. The SCI1’s receiver and transmitter are double buffered, and each has its own separate enable and interrupt bits. Both can be operated independently or simultaneously in the full-duplex mode. To ensure data integrity, the SCI1 checks received data for break detection, parity, overrun, and framing errors. The speed of bit rate (baud) is programmable to over 65,000 different speeds through a 16-bit baud-select register. |