| データシートサーチシステム |
|
ASM3P623S05B データシート(PDF) 7 Page - PulseCore Semiconductor |
|
|
|||||||||||||||||||||||||||||
ASM3P623S05B データシート(HTML) 7 Page - PulseCore Semiconductor |
|
7 / 15 page ![]() May 2007 ASM3P623S05/09A/B rev 0.3 Timing-Safe™ Peak EMI Reduction IC 7 of 15 Notice: The information in this document is subject to change without notice. Input-Output Skew Test Circuit A Typical example of Timing-Safe™ waveform VDD VDD GND GND CLKOUT LOAD OUTPUTS 0.1uF 0.1uF +3.3V +3.3V TSKEW - One clock cycle N=1 TSKEW+ Input Timing-Safe™ Output TSKEW represents input-output skew when spread spectrum is ON For example, TSKEW = ± 0.125 for an Input clock 32MHz, translates in to (1/32MHz) * 0.125=3.90nS Input CLKOUT with SSOFF Input Timing-Safe™ CLKOUT |