データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ASM3P2869A データシート(PDF) 2 Page - PulseCore Semiconductor

部品番号 ASM3P2869A
部品情報  Low Power Peak EMI Reducing Solution
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULSECORE [PulseCore Semiconductor]
ホームページ  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2869A データシート(HTML) 2 Page - PulseCore Semiconductor

  ASM3P2869A Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2869A Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2869A Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2869A Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2869A Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2869A Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2869A Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2869A Datasheet HTML 8Page - PulseCore Semiconductor ASM3P2869A Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
January 2007
ASM3P2869A
rev 1.7
Low Power Peak EMI Reducing Solution
2 of 12
Notice: The information in this document is subject to change without notice.
XIN / CLKIN
VDD
REFOUT
ModOUT
XOUT
1
2
3
4
5
6
ASM3P2869A
VSS
Pin Configuration (6-pin TSOT-23 Package)
Pin Description
Pin#
Pin Name
Type
Description
1
REFOUT
O
Buffered output of the input frequency.
2
XOUT
O
Crystal connection. If using an external reference, this pin must be left unconnected.
3
XIN / CLKIN
I
Crystal connection or external reference frequency input. This pin has dual functions.
It can be connected either to an external crystal or an external reference clock.
4
VDD
P
Power supply for the entire chip
5
ModOUT
O
Spread spectrum clock output.
6
VSS
P
Ground connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12