データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ASM3P2969AF-06OR データシート(PDF) 7 Page - PulseCore Semiconductor

部品番号 ASM3P2969AF-06OR
部品情報  Low Power Peak EMI Reducing Solution
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULSECORE [PulseCore Semiconductor]
ホームページ  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2969AF-06OR データシート(HTML) 7 Page - PulseCore Semiconductor

Back Button ASM3P2969AF-06OR Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2969AF-06OR Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2969AF-06OR Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2969AF-06OR Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2969AF-06OR Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2969AF-06OR Datasheet HTML 8Page - PulseCore Semiconductor ASM3P2969AF-06OR Datasheet HTML 9Page - PulseCore Semiconductor ASM3P2969AF-06OR Datasheet HTML 10Page - PulseCore Semiconductor ASM3P2969AF-06OR Datasheet HTML 11Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
January 2007
ASM3P2969A
rev 1.7
Low Power Peak EMI Reducing Solution
7 of 12
Notice: The information in this document is subject to change without notice.
Package Information
6-pin TSOT-23 Package
Dimensions
Inches
Millimeters
Symbol
Min
Max
Min
Max
A
0.04
1.00
A1
0.00
0.004
0.00
0.10
A2
0.033
0.036
0.84
0.90
b
0.012
0.02
0.30
0.50
H
0.005 BSC
0.127 BSC
D
0.114 BSC
2.90 BSC
B
0.06 BSC
1.60 BSC
e
0.0374 BSC
0.950 BSC
C
0.11 BSC
2.80 BSC
L
0.0118
0.02
0.30
0.50
θ
0°
4°
0°
4°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12