| データシートサーチシステム |
|
ASM5P2304A データシート(PDF) 13 Page - PulseCore Semiconductor |
|
|
|||||||||||||||||||||||||||||
ASM5P2304A データシート(HTML) 13 Page - PulseCore Semiconductor |
|
13 / 14 page ![]() November 2006 ASM5P2304A rev 1.5 3.3V Zero Delay Buffer 13 of 14 Notice: The information in this document is subject to change without notice. Device Ordering Information ASM5P2304AF-08-SR Licensed under US patent #5,488,627, #6,646,463 and #5,631,920. O = SOT U = MSOP S = SOIC E = TQFP T = TSSOP L = LQFP A = SSOP U = MSOP V = TVSOP P = PDIP B = BGA D = QSOP Q = QFN X = SC-70 DEVICE PIN COUNT X= Automotive I= Industrial P or n/c = Commercial (-40C to +125C) (-40C to +85C) (0C to +70C) 1 = Reserved 6 = Power Management 2 = Non PLL based 7 = Power Management 3 = EMI Reduction 8 = Power Management 4 = DDR support products 9 = Hi Performance 5 = STD Zero Delay Buffer 0 = Reserved PulseCore Semiconductor Mixed Signal Product PART NUMBER F = LEAD FREE AND RoHS COMPLIANT PART G = GREEN PACKAGE, LEAD FREE, and RoHS R = Tape & Reel, T = Tube or Tray |