| データシートサーチシステム |
|
PCS3P623Z09B データシート(PDF) 13 Page - PulseCore Semiconductor |
|
|
|||||||||||||||||||||||||||||
PCS3P623Z09B データシート(HTML) 13 Page - PulseCore Semiconductor |
|
13 / 15 page ![]() PCS3P623Z05A/B May 2008 PCS3P623Z09A/B rev 0.1 Timing-Safe™ Peak EMI Reduction IC 13 of 15 Notice: The information in this document is subject to change without notice. Ordering Code Ordering Code Marking Package Type Temperature PCS3P623Z0xyG-08-ST 3P623Z0xyG 8-pin 150-mil SOIC-TUBE, Green Commercial PCS3I623Z0xyG-08-ST 3I623Z0xyG 8-pin 150-mil SOIC-TUBE, Green Industrial PCS3P623Z0xyG-08-SR 3P623Z0xyG 8-pin 150-mil SOIC-TAPE & REEL, Green Commercial PCS3I623Z0xyG -08-SR 3I623Z0xyG 8-pin 150-mil SOIC-TAPE & REEL, Green Industrial PCS3P623Z0xyG-08-TT 3P623Z0xyG 8-pin 4.4-mm TSSOP - TUBE, Green Commercial PCS3I623Z00xyG -08-TT 3I623Z0xyG 8-pin 4.4-mm TSSOP - TUBE, Green Industrial PCS3P623Z0xyG-08-TR 3P623Z0xyG 8-pin 4.4-mm TSSOP - TAPE & REEL, Green Commercial PCS3I623Z0xyG -08-TR 3I623Z0xyG 8-pin 4.4-mm TSSOP - TAPE & REEL, Green Industrial PCS3P623Z0xyG -16-ST 3P623Z0xyG 16-pin 150-mil SOIC-TUBE, Green Commercial PCS3I623Z0xyG -16-ST 3I623Z0xyG 16-pin 150-mil SOIC-TUBE, Green Industrial PCS3P623Z0xyG -16-SR 3P623Z0xyG 16-pin 150-mil SOIC-TAPE & REEL, Green Commercial PCS3I623Z0xyG -16-SR 3I623Z0xyG 16-pin 150-mil SOIC-TAPE & REEL, Green Industrial PCS3P623Z0xyG -16-TT 3P623Z0xyG 16-pin 4.4-mm TSSOP - TUBE, Green Commercial PCS3I623Z0xyG -16-TT 3I623Z0xyG 16-pin 4.4-mm TSSOP - TUBE, Green Industrial PCS3P623Z0xyG -16-TR 3P623Z0xyG 16-pin 4.4-mm TSSOP - TAPE & REEL, Green Commercial PCS3I623Z0xyG -16-TR 3I623Z0xyG 16-pin 4.4-mm TSSOP - TAPE & REEL, Green Industrial Note: x=5 / 9; y=A / B |