| データシートサーチシステム |
|
ADS54RF63IPFPR データシート(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ADS54RF63IPFPR データシート(HTML) 4 Page - Texas Instruments |
|
4 / 48 page ![]() ELECTRICAL CHARACTERISTICS ADS5463 ADS54RF63 SLAS515E – NOVEMBER 2006 – REVISED JULY 2009 ................................................................................................................................................... www.ti.com Typical values at TA = 25°C, minimum and maximum values over full temperature range TMIN = –40°C to TMAX = 85°C, ADS5463 sampling rate = 500 MSPS, ADS54RF63 sampling rate = 550 MSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, –1-dBFS differential input, and 3-VPP differential clock, unless otherwise noted ADS54RF63 ADS5463 PARAMETER TEST CONDITIONS UNIT MIN TYP MAX MIN TYP MAX Resolution 12 12 Bits ANALOG INPUTS Differential input 2.2 2.2 VPP Common-mode VCM Self-biased 2.4 2.4 V voltage Input resistance To VCM 500 500 Ω To ground (un-soldered Input capacitance 2.3 2.3 pF package) Input bandwidth (–3 dB) 2.3 2.3 GHz Common-mode CMRR Common mode signal = 10 MHz 90 90 dB rejection ratio CLOCK INPUTS Input resistance To internal common-mode 1000 1000 Ω To ground (un-soldered Input capacitance 1.5 1.5 pF package) Common mode Internally generated 2.4 2.4 V INTERNAL REFERENCE VOLTAGE VREF Reference voltage 2.4 2.4 V 4 Submit Documentation Feedback Copyright © 2006–2009, Texas Instruments Incorporated Product Folder Link(s): ADS5463 ADS54RF63 |