データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OMAP3530 データシート(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
部品番号 OMAP3530
部品情報  OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

OMAP3530 データシート(HTML) 17 Page - Texas Instruments

Back Button OMAP3530 Datasheet HTML 13Page - Texas Instruments OMAP3530 Datasheet HTML 14Page - Texas Instruments OMAP3530 Datasheet HTML 15Page - Texas Instruments OMAP3530 Datasheet HTML 16Page - Texas Instruments OMAP3530 Datasheet HTML 17Page - Texas Instruments OMAP3530 Datasheet HTML 18Page - Texas Instruments OMAP3530 Datasheet HTML 19Page - Texas Instruments OMAP3530 Datasheet HTML 20Page - Texas Instruments OMAP3530 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 239 page
background image
OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
www.ti.com
SPRS599 – JUNE 2009
Table 2-1. Ball Characteristics (CBB Pkg.) (continued)
BALL
BALL
PIN
MODE [4]
TYPE [5]
BALL
BALL
RESET
POWER [9]
HYS
BUFFER
PULL
IO
BOTTOM [1]
TOP [2]
NAME [3]
RESET
RESET
REL.
[10]
STRENGTH
U/D
CELL [13]
STATE [6]
REL.
MODE [8]
(mA) [11]
TYPE
STATE [7]
[12]
gpio_70
4
IO
safe_mode
7
AH22
NA
dss_data1
0
IO
L
L
7
VDDS
Yes
8
PU/ PD
LVDS/ CMOS
uart1_rts
2
O
gpio_71
4
IO
safe_mode
7
AG23
NA
dss_data2
0
IO
L
L
7
VDDS
Yes
8
PU/ PD
LVDS/ CMOS
gpio_72
4
IO
safe_mode
7
AH23
NA
dss_data3
0
IO
L
L
7
VDDS
Yes
8
PU/ PD
LVDS/ CMOS
gpio_73
4
IO
safe_mode
7
AG24
NA
dss_data4
0
IO
L
L
7
VDDS
Yes
8
PU/ PD
LVDS/ CMOS
uart3_rx_ irrx
2
I
gpio_74
4
IO
safe_mode
7
AH24
NA
dss_data5
0
IO
L
L
7
VDDS
Yes
8
PU/ PD
LVDS/ CMOS
uart3_tx_ irtx
2
O
gpio_75
4
IO
safe_mode
7
E26
NA
dss_data6
0
IO
L
L
7
VDDS
Yes
8
PU/ PD
LVCMOS
uart1_tx
2
O
gpio_76
4
IO
safe_mode
7
F28
NA
dss_data7
0
IO
L
L
7
VDDS
Yes
8
PU/ PD
LVCMOS
uart1_rx
2
I
gpio_77
4
IO
safe_mode
7
F27
NA
dss_data8
0
IO
L
L
7
VDDS
Yes
8
PU/ PD
LVCMOS
gpio_78
4
IO
safe_mode
7
G26
NA
dss_data9
0
IO
L
L
7
VDDS
Yes
8
PU/ PD
LVCMOS
gpio_79
4
IO
safe_mode
7
AD28
NA
dss_data10
0
IO
L
L
7
VDDS
=Yes
8
PU/ PD
LVDS/ CMOS
gpio_80
4
IO
safe_mode
7
AD27
NA
dss_data11
0
IO
L
L
7
VDDS
Yes
8
PU/ PD
LVDS/ CMOS
gpio_81
4
IO
safe_mode
7
AB28
NA
dss_data12
0
IO
L
L
7
VDDS
Yes
8
PU/ PD
LVDS/ CMOS
gpio_82
4
IO
safe_mode
7
AB27
NA
dss_data13
0
IO
L
L
7
VDDS
Yes
8
PU/ PD
LVDS/ CMOS
gpio_83
4
IO
safe_mode
7
AA28
NA
dss_data14
0
IO
L
L
7
VDDS
Yes
8
PU/ PD
LVDS/ CMOS
gpio_84
4
IO
safe_mode
7
AA27
NA
dss_data15
0
IO
L
L
7
VDDS
Yes
8
PU/ PD
LVDS/ CMOS
gpio_85
4
IO
safe_mode
7
G25
NA
dss_data16
0
IO
L
L
7
VDDS
Yes
8
PU/ PD
LVCMOS
gpio_86
4
IO
Submit Documentation Feedback
TERMINAL DESCRIPTION
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More