データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCM1795DB データシート(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
部品番号 PCM1795DB
部品情報  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

PCM1795DB データシート(HTML) 26 Page - Texas Instruments

Back Button PCM1795DB Datasheet HTML 22Page - Texas Instruments PCM1795DB Datasheet HTML 23Page - Texas Instruments PCM1795DB Datasheet HTML 24Page - Texas Instruments PCM1795DB Datasheet HTML 25Page - Texas Instruments PCM1795DB Datasheet HTML 26Page - Texas Instruments PCM1795DB Datasheet HTML 27Page - Texas Instruments PCM1795DB Datasheet HTML 28Page - Texas Instruments PCM1795DB Datasheet HTML 29Page - Texas Instruments PCM1795DB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 58 page
background image
SCL
SDA
Noise
SCL
SDA
Noise
PCM1795
SLES248 – MAY 2009 ........................................................................................................................................................................................................ www.ti.com
Case 2:
1. t(SCK) > 120 ns
2. t(S–HD) or t(RS–HD) < t(SCK) × 5
3. Spike noise exists on both SCL and SDA during the hold time.
Figure 49. Case 2
When these conditions occur at the same time, the PCM1795 fails to detect a start condition.
Case 3:
1. t(SCK) < 50 ns
2. t(SP) > t(SCK)
3. Spike noise exists on SCL just after SCL goes low.
4. Spike noise exists on SDA just before SCL goes low.
Figure 50. Case 3
When these conditions occur at the same time, the PCM1795 erroneously detects a start or stop condition.
26
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58