| データシートサーチシステム |
|
WS12-2000-R1K-L10- データシート(PDF) 4 Page - ASM GmbH |
|
|
|||||||||||||||||||||||||||||
WS12-2000-R1K-L10- データシート(HTML) 4 Page - ASM GmbH |
|
4 / 5 page ![]() 58 CAT-WS-E-05 ASM www.asm-sensor.com Signal Conditioner 420T Current output (3 wire) Excitation Voltage +18...+27 V DC non stabilized Excitation Current 40 mA max. Load Resistor 350 W max. Output Current 4 ... 20 mA equivalent to 0 ... 100% range Stability (Temperature) ±50 x 10 -6 / °C full scale Protection Reverse polarity, short circuit Output Noise 0.5 mVRMS Operating Temperature -20 ... +85 °C EMC According to EN 61326:2004 Signal conditioner 420A Current output (2 wire) Excitation Voltage +12 ... 27 VDC non stabilized, measured at the sensor terminals Excitation Current 35 mA max. Output Current 4 ... 20 mA equivalent to 0 ... 100% range Stability (Temperature) ±100 x 10 -6 / °C full scale Protection Reverse polarity, short circuit Output Noise 0.5 mVRMS Operating Temperature -20 ... +85 °C EMC According to EN 61326:2004 Signal Wiring Output signals 420A 420T Cable color Connector pin no. Signal + Excitation + White 1 Signal – Excitation GND Brown 2 Signal + Green 3 View to solder terminals Connection Mating Connector Signal + Signal – 420A 4...20 mA 420T 4...20 mA Excitation + Signal + Excitation GND Signal Diagram Signal diagram CONN-DIN-8F-W CONN-M12-8F-G Output Specifications 420A and 420T for WS position sensors |