データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTC4061 データシート(PDF) 8 Page - Linear Technology

部品番号 LTC4061
部品情報  Standalone Linear Li-lon Battery Charger with Thermistor Input
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTC4061 データシート(HTML) 8 Page - Linear Technology

Back Button LTC4061_05 Datasheet HTML 4Page - Linear Technology LTC4061_05 Datasheet HTML 5Page - Linear Technology LTC4061_05 Datasheet HTML 6Page - Linear Technology LTC4061_05 Datasheet HTML 7Page - Linear Technology LTC4061_05 Datasheet HTML 8Page - Linear Technology LTC4061_05 Datasheet HTML 9Page - Linear Technology LTC4061_05 Datasheet HTML 10Page - Linear Technology LTC4061_05 Datasheet HTML 11Page - Linear Technology LTC4061_05 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC4061
8
4061fc
BLOCK DIAGRA
+
+
11
9
8
3
CA
MA
1.2V
2.9V
PROG
IDET
RDET
CTIMER
RPROG
0.1V
TO BAT
0.2V
1V
0.1V
+
+
C3
C2
LOGIC
TA
TDIE
105°C
SHDN
4061 BD
GND
+
VA
BAT
1000
×
1
×
1
×
VCC
1
10
IDETECT
RECHRG
4.1V
TO BAT
EN
3M
SEL
TIMER
COUNTER
OSCILLATOR
NTC
LOGIC
EN
C/5
C/5
C/5
STOP
CHRG
ACPR
3M
5
6
7
C1
ACPR
4
2
HOT COLD DIS
resistor, RPROG, to ground. When charging in constant
current mode, this pin servos to 1V. The voltage on this
pin can be used to measure the charge current using the
following formula:
I
V
R
BAT
PROG
PROG
=
•1000
PI FU CTIO S
VCC (Pin 10): Positive Input Supply Voltage. Provides
power to the battery charger. This pin should be bypassed
with a 1µF capacitor.
GND (Exposed Pad) (Pin 11): Ground. This pin is the back
of the exposed pad package and must be soldered to the
PCB copper for minimal thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com