| データシートサーチシステム |
|
TVP6000C データシート(PDF) 46 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TVP6000C データシート(HTML) 46 Page - Texas Instruments |
|
46 / 57 page ![]() 2–34 2.11.42 DLPH Subaddress: 96 7 6 5 4 3 2 1 0 DPPL[9:8] DLPF[9:8] Where: DPPL[9:8] Number of pixels per scan line in the destination image after scaling. The LSB of this field are located in the DPPL register. DLPF[9:8] Number of lines per frame in the destination image after scaling. The LSB of this field is located in the DLPF register. 2.11.43 VDTAL Subaddress: 97 7 6 5 4 3 2 1 0 VDTA[7:0] Where: VDTA[7:0] Vertical over-scan compensation ratio. The MSB of this field is located in the VDTAH register. The value of VDTA is calculated as follows: VDTA = ROUND(((SLPF/DLPF)–1) ×2^16) where SLPF = Number of scan lines per frame in the source image before scaling, DLPF = Number of lines per frame in the destination image after scaling. 2.11.44 VDTAH Subaddress: 98 7 6 5 4 3 2 1 0 VDTA[15:8] Where: VDTA[15:8] Vertical over-scan compensation ratio. The LSB of this field is located in the VDTAL register. Refer to the description of VDTAL for more information. 2.11.45 HDTAL Subaddress: 99 7 6 5 4 3 2 1 0 HDTA[7:0] Where: HDTA[7:0] Horizontal over-scan compensation ratio. The MSB of this field is located in the HDTAH register. The value of HDTA is calculated as follows: HDTA = ROUND(((SPPL/DPPL)–1) ×2^16 ) where SPPL = Number of pixels per line in the source image before scaling, DPPL = Number of pixels per line in the destination image after scaling. |