| データシートサーチシステム |
|
LPC2919/01 データシート(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2919/01 データシート(HTML) 3 Page - NXP Semiconductors |
|
3 / 86 page ![]() LPC2917_19_01_2 © NXP B.V. 2009. All rights reserved. Preliminary data sheet Rev. 02 — 17 June 2009 3 of 86 NXP Semiconductors LPC2917/01; LPC2919/01 ARM9 microcontroller with CAN and LIN 3. Ordering information 3.1 Ordering options Table 1. Ordering information Type number Package Name Description Version LPC2917FBD144/01 LQFP144 plastic low profile quad flat package; 144 leads; body 20 × 20 × 1.4 mm SOT486-1 LPC2919FBD144/01 LQFP144 plastic low profile quad flat package; 144 leads; body 20 × 20 × 1.4 mm SOT486-1 Table 2. Part options Type number Flash memory SRAM SMC LIN 2.0 CAN Package LPC2917FBD144/01 512 kB 56 kB + 2 × 16 kB TCM 32-bit 2 2 LQFP144 LPC2919FBD144/01 768 kB 56 kB + 2 × 16 kB TCM 32-bit 2 2 LQFP144 |