| データシートサーチシステム |
|
PCF8534AU/DA/1 データシート(PDF) 40 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8534AU/DA/1 データシート(HTML) 40 Page - NXP Semiconductors |
|
40 / 47 page ![]() PCF8534A_5 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 05 — 6 August 2009 40 of 47 NXP Semiconductors PCF8534A Universal LCD driver for low multiplex rates [1] All coordinates are referenced in µm to the center of the die (see Figure 25). 16. Handling information All input and output pins are protected against ElectroStatic Discharge (ESD) under normal handling. When handling Metal-Oxide Semiconductor (MOS) devices ensure that all normal precautions are taken as described in JESD625-A, IEC 61340-5 or equivalent standards. Fig 26. Alignment marks Table 21. Alignment mark locations [1] Symbol X ( µm) Y ( µm) C1 −1387 1190 C2 1335 1242 F −1345 −1173 001aai649 REF REF REF C2 C1 F |