データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTM8032MPVPBF データシート(PDF) 7 Page - Linear Technology

部品番号 LTM8032MPVPBF
部品情報  Ultralow Noise EMC Compliant 36V, 2A DC/DC 關Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTM8032MPVPBF データシート(HTML) 7 Page - Linear Technology

Back Button LTM8032MPVPBF Datasheet HTML 3Page - Linear Technology LTM8032MPVPBF Datasheet HTML 4Page - Linear Technology LTM8032MPVPBF Datasheet HTML 5Page - Linear Technology LTM8032MPVPBF Datasheet HTML 6Page - Linear Technology LTM8032MPVPBF Datasheet HTML 7Page - Linear Technology LTM8032MPVPBF Datasheet HTML 8Page - Linear Technology LTM8032MPVPBF Datasheet HTML 9Page - Linear Technology LTM8032MPVPBF Datasheet HTML 10Page - Linear Technology LTM8032MPVPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTM8032
7
8032fa
PIN FUNCTIONS
SYNC (Pin L6): This is the external clock synchronization
input. Ground this pin for low ripple Burst Mode
® operation
at low output loads. Tie to a stable voltage source greater
than 0.7V to disable Burst Mode operation. Do not leave
this pin floating. Tie to a clock source for synchronization.
Clock edges should have rise and fall times faster than 1μs.
See synchronizing section in Applications Information.
PGOOD (Pin K7): The PGOOD pin is the open-collector
output of an internal comparator. PGOOD remains low until
the ADJ pin is within 10% of the final regulation voltage.
The PGOOD output is valid when VIN is above 3.6V and
RUN/SS is high. If this function is not used, leave this
pin floating.
ADJ (Pin J7): The LTM8032 regulates its ADJ pin to 0.79V.
Connect the adjust resistor from this pin to ground. The
value of RADJ is given by the equation:
R
V
ADJ
OUT
=
196 71
079
.
–.
where RADJ is in kΩ.
BLOCK DIAGRAM
CURRENT
MODE
CONTROLLER
249k
10μF
VOUT
AUX
GND
4.7μH
BIAS
EMI FILTER
FIN
VIN
GND
SHARE
SYNC
RT
PGOOD
ADJ
8032 BD
RUN/SS
Burst Mode is a registered trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20