データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTM9003CV-ABPBF データシート(PDF) 21 Page - Linear Technology

部品番号 LTM9003CV-ABPBF
部品情報  12-Bit Digital Pre-Distortion Receiver Subsystem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTM9003CV-ABPBF データシート(HTML) 21 Page - Linear Technology

Back Button LTM9003CV-ABPBF Datasheet HTML 16Page - Linear Technology LTM9003CV-ABPBF Datasheet HTML 17Page - Linear Technology LTM9003CV-ABPBF Datasheet HTML 18Page - Linear Technology LTM9003CV-ABPBF Datasheet HTML 19Page - Linear Technology LTM9003CV-ABPBF Datasheet HTML 20Page - Linear Technology LTM9003CV-ABPBF Datasheet HTML 21Page - Linear Technology LTM9003CV-ABPBF Datasheet HTML 22Page - Linear Technology LTM9003CV-ABPBF Datasheet HTML 23Page - Linear Technology LTM9003CV-ABPBF Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTM9003
21
9003p
Grounding and Bypassing
The LTM9003 requires a printed circuit board with a
clean unbroken ground plane; a multilayer board with an
internal ground plane is recommended. The pinout of the
LTM9003 has been optimized for a flow-through layout
so that the interaction between inputs and digital outputs
is minimized. Ample ground pads facilitate a layout that
ensures that digital and analog signal lines are separated
as much as possible.
The LTM9003 is internally bypassed with the ADC (VDD),
amplifier (VCC2) and mixer (VCC1) supplies returning to a
common ground (GND). The digital output supply (OVDD)
is returned to OGND. Additional bypass capacitance is
optional and may be required if power supply noise is
significant.
Heat Transfer
Most of the heat generated by the LTM9003 is transferred
through the bottom-side ground pads. For good electrical
and thermal performance, it is critical that all ground pins
are connected to a ground plane of sufficient area with as
many vias as possible.
Recommended Layout
The high integration of the LTM9003 makes the PCB board
layout very simple and easy. However, to optimize its electri-
cal and thermal performance, some layout considerations
are still necessary.
• Use large PCB copper areas for ground. This helps to
dissipate heat in the package through the board and also
helps to shield sensitive on-board analog signals. Common
ground (GND) and output ground (OGND) are electrically
isolated on the LTM9003, but can be connected on the PCB
underneath the part to provide a common return path.
• Use multiple ground vias. Using as many vias as pos-
sible helps to improve the thermal performance of the
board and creates necessary barriers separating analog
and digital traces on the board at high frequencies.
• Separate analog and digital traces as much as possible,
using vias to create high-frequency barriers. This will re-
duce digital feedback that can reduce the signal-to-noise
ratio (SNR) and dynamic range of the LTM9003.
Figures 12 through 15 give a good example of the recom-
mended layout.
The quality of the paste print is an important factor in
producing high yield assemblies. It is recommended to
use a type 3 or 4 printing no-clean solder paste. The solder
stencil design should follow the guidelines outlined in
Application Note 100.
The LTM9003 employs gold-finished pads for use with
Pb-based or tin-based solder paste. It is inherently Pb-free
and complies with the JEDEC (e4) standard. The materi-
als declaration is available online at http://www.linear.
com/leadfree/mat_dec.jsp.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com