| データシートサーチシステム |
|
SH7264 データシート(PDF) 28 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7264 データシート(HTML) 28 Page - Renesas Technology Corp |
|
28 / 45 page ![]() SH7262/SH7264 Group High-speed Read/Write Serial Flash Memory Using the Renesas Serial Peripheral Interface REJ06B0889-0100/Rev.1.00 June 2009 Page 28 of 45 3.10 Sample Program Listing "serial_flash.c" (7/19) 276 277 278 279 280 281 282 283 284 285 286 287 288 289 290 291 292 293 294 295 296 297 298 299 300 301 302 303 304 305 306 307 308 309 310 311 312 313 void sf_byte_read_long(unsigned long addr, unsigned long *buf, int size) { unsigned char cmd[5]; cmd[0] = SFLASHCMD_BYTE_READ; cmd[1] = (unsigned char)((addr >> 16) & 0xff); cmd[2] = (unsigned char)((addr >> 8) & 0xff); cmd[3] = (unsigned char)( addr & 0xff); cmd[4] = 0x00; #ifdef SF_USE_DMAC io_cmd_exe_rdmode_dma_l(cmd, 5, buf, size); #else io_cmd_exe_rdmode_cpu_l(cmd, 5, buf, size); #endif } /*""FUNC COMMENT""************************************************************** * ID : * Outline : Write enable *------------------------------------------------------------------------------ * Include : *------------------------------------------------------------------------------ * Declaration : static void write_enable(void); *------------------------------------------------------------------------------ * Description : Issues the Write Enable command to enable erasing or programming * : serial flash memory. *------------------------------------------------------------------------------ * Argument : void *------------------------------------------------------------------------------ * Return Value : void *------------------------------------------------------------------------------ * Note : None *""FUNC COMMENT END""**********************************************************/ static void write_enable(void) { unsigned char cmd[1]; cmd[0] = SFLASHCMD_WRITE_ENABLE; io_cmd_exe(cmd, 1, NULL, 0); } |