データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SW276 データシート(PDF) 14 Page - Extech Instruments Corporation.

部品番号 SW276
部品情報  Temperature Datalogger Kit
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXTECH [Extech Instruments Corporation.]
ホームページ  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

SW276 データシート(HTML) 14 Page - Extech Instruments Corporation.

Back Button SW276 Datasheet HTML 10Page - Extech Instruments Corporation. SW276 Datasheet HTML 11Page - Extech Instruments Corporation. SW276 Datasheet HTML 12Page - Extech Instruments Corporation. SW276 Datasheet HTML 13Page - Extech Instruments Corporation. SW276 Datasheet HTML 14Page - Extech Instruments Corporation. SW276 Datasheet HTML 15Page - Extech Instruments Corporation. SW276 Datasheet HTML 16Page - Extech Instruments Corporation. SW276 Datasheet HTML 17Page - Extech Instruments Corporation. SW276 Datasheet HTML 18Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
V7.1 1/08
14
4. Diagram I-2 is another example of setting the cursor range; it has been set to 100
divisions.
5. Diagram J-1 shows that cursor 1 is used for the temperature readings and the lower
region shows the Relative Humidity records. In Diagram J-2 the divisions are set to 130.
6. Diagram I is a Temperature example using Diagrams I-1 and I-2 as data sources.
Diagram J is a Temperature and Humidity example using Diagrams J-1 and J-2 as data
sources.
7. The right side of Diagram I indicates Maximum, Minimum, Mean and Standard Deviation
(Std. Dev) values for Whole Range (upper part) and Cursor Range (lower part).
Maximum: The highest reading in Whole Range or Cursor Range.
Minimum: The lowest reading.
Mean: The Average reading.
Std. Dev.: A calculation of the deviation between each reading and the Mean value (See
Diagram I-1 ).
Print Graph
Press the PRINT icon to print the graph.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22