データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

380385 データシート(PDF) 2 Page - Extech Instruments Corporation.

部品番号 380385
部品情報  10KV Digital High Voltage Insulation Tester
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXTECH [Extech Instruments Corporation.]
ホームページ  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

380385 データシート(HTML) 2 Page - Extech Instruments Corporation.

  380385 Datasheet HTML 1Page - Extech Instruments Corporation. 380385 Datasheet HTML 2Page - Extech Instruments Corporation. 380385 Datasheet HTML 3Page - Extech Instruments Corporation. 380385 Datasheet HTML 4Page - Extech Instruments Corporation. 380385 Datasheet HTML 5Page - Extech Instruments Corporation. 380385 Datasheet HTML 6Page - Extech Instruments Corporation. 380385 Datasheet HTML 7Page - Extech Instruments Corporation. 380385 Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
380385 V1.5 3/04
2
Warranty
EXTECH INSTRUMENTS CORPORATION warrants this instrument to be free of defects
in parts and workmanship for one year from date of shipment (a six month limited
warranty applies on sensors and cables). If it should become necessary to return the
instrument for service during or beyond the warranty period, contact the Customer
Service Department at (781) 890-7440 ext. 210 for authorization or visit our website at
www.extech.com (click on Contact Extech and go to Service Department to request an
RA number). A Return Authorization (RA) number must be issued before any product is
returned to Extech. The sender is responsible for shipping charges, freight, insurance
and proper packaging to prevent damage in transit. This warranty does not apply to
defects resulting from action of the user such as misuse, improper wiring, operation
outside of specification, improper maintenance or repair, or unauthorized modification.
Extech specifically disclaims any implied warranties or merchantability or fitness for a
specific purpose and will not be liable for any direct, indirect, incidental or consequential
damages. Extech's total liability is limited to repair or replacement of the product. The
warranty set forth above is inclusive and no other warranty, whether written or oral, is
expressed or implied.
Introduction
Congratulations on your purchase of the Extech High Voltage Insulation Tester. This
device has four pre-set voltage test ranges (up to 10kV) and measures insulation
resistance to 500G
Ω. Other voltage test values can be selected using the ±500V step
buttons. This professional meter, with proper care, will provide years of safe reliable
service.
Safety
1.
Circuits under test must be de-energized and isolated before connections are made.
2.
Circuit connections must not be touched during a test.
3.
After insulation tests, capacitors must be discharged.
4.
Test leads (including alligator clips) must be in good working order, clean and without
broken or cracked insulation.
5.
When servicing, use only specified replacement parts.
6.
Environmental conditions:
Indoor use only; Installation category III 300V
Pollution degree 2
Altitude up to 2000 meters
Relative Humidity 80% max.; Temperature 0 to 40
oC
International Safety Symbols
Caution, refer to this manual before using this meter
Dangerous Voltages; risk of electric shock
Meter is protected throughout by double or reinforced insulation



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com