| データシートサーチシステム |
|
EX710 データシート(PDF) 4 Page - Extech Instruments Corporation. |
|
|
|||||||||||||||||||||||||||||
EX710 データシート(HTML) 4 Page - Extech Instruments Corporation. |
|
4 / 12 page ![]() EX700 Series Version 3.0 1/05 4 Description Meter Description (EX730 pictured) 1. Current clamp 2. Clamp opening trigger 3. Control buttons: Data Hold Mode Peak Backlight DCA Zero (EX730 only) 4. Backlit LCD Display 5. COM negative input jack for black test lead 6. Rotary function switch 7. V· Ω·CAP·TEMP·Hz· positive input jack for red lead Display icons Description HOLD Data Hold Minus sign Negative reading display 0 to 3999 Measurement display digits DC ZERO DCA Zero (Model EX730 only) PEAK Peak capture AUTO Auto Range mode DC/AC Direct Current / Alternating Current BAT Low battery mV or V Milli-volts or Volts (Voltage) Ω Ohms (Resistance) A Amperes (Current) F Farad (Capacitance) Hz Hertz (Frequency) oF and oC Fahrenheit and Celsius units (Temperature) n, m, µ, M, k Unit of measure prefixes: nano, milli, micro, mega, and kilo •))) Continuity test Diode test 1 2 3 4 5 6 7 |