| データシートサーチシステム |
|
CM03A-R5P-S-0 データシート(PDF) 2 Page - DDK Ltd. |
|
|
|||||||||||||||||||||||||||||
CM03A-R5P-S-0 データシート(HTML) 2 Page - DDK Ltd. |
|
2 / 2 page ![]() Unit:mm http://www.ddknet.co.jp CM03A Series 2 ◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated. ○ Receptacle With Pin Contacts ○ Plug Receptacle With Socket Contacts No. of Contacts Lock Nut Panel Gasket P/N With Non CM03A-R4P-S Non Non CM03A-R4P-S-0 With With CM03A-R4P-S-1 With Non CM03A-R5P-S Non Non CM03A-R5P-S-0 With With CM03A-R5P-S-1 25.4 7 8 -16UN-2B 1/2-14NPT 34.7 12 5 3.3 Min. Filled with Epoxy Resin 5.6 1.6 Lock Nut Gasket φ21.2 +0.1 0 Mounting Hole φ21.2 +0.1 0 Mounting Hole 12 25.4 3.3Min. 1/2-14NPT 25.4 Filled with Epoxy Resin 5.6 3.9 1.6 Lock Nut Gasket 7 8 -16UN-2A No. of Contacts Lock Nut Panel Gasket P/N With Non CM03A-PR4S-S Non Non CM03A-PR4S-S-0 With With CM03A-PR4S-S-1 With Non CM03A-PR5S-S Non Non CM03A-PR5S-S-0 With With CM03A-PR5S-S-1 4 Contacts 5 Contacts 4 Contacts 5 Contacts |