データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HS-3000 データシート(PDF) 39 Page - BOSER Technology Co., Ltd

部品番号 HS-3000
部品情報  386 ISA Bus SBC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOSER [BOSER Technology Co., Ltd]
ホームページ  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-3000 データシート(HTML) 39 Page - BOSER Technology Co., Ltd

Back Button HS-3000 Datasheet HTML 35Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 36Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 37Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 38Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 39Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 40Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 41Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 42Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 43Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
33
4.7 PCI / Plug And Play Setup
This section describes configuring the PCI bus system.
PCI, or
Personal Computer Interconnect, is a system that allows I/O devices to
operate at speeds nearing the speed the CPU itself uses when
communicating with its own special components. This section covers
some very technical items and it is strongly recommended that only
experienced users should make any changes to the default settings.
AMIBIOS SETUP – PCI / PLUG AND PLAY SETUP
(C)1999 American Megatrends, Inc. All Rights Reserved
Plug and Play Aware O/S
No
Available Options:
DMA Channel 0
PnP
No
DMA Channel 1
PnP
Yes
DMA Channel 3
PnP
DMA Channel 5
PnP
DMA Channel 6
PnP
DMA Channel 7
PnP
IRQ3
PnP
IRQ4
PnP
IRQ7
PnP
IRQ9
PnP
IRQ10
PnP
IRQ11
PnP
ESC:Exit
:Sel
IRQ14
PnP
PgUp/PgDn: Modify
IRQ15
PnP
F1:Help
F2/F3:Color



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46