データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPT5400SCP データシート(PDF) 6 Page - Cadeka Microcircuits LLC.

部品番号 SPT5400SCP
部品情報  13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CADEKA [Cadeka Microcircuits LLC.]
ホームページ  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT5400SCP データシート(HTML) 6 Page - Cadeka Microcircuits LLC.

  SPT5400SCP Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT5400SCP Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT5400SCP Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT5400SCP Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT5400SCP Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT5400SCP Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT5400SCP Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT5400SCP Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
5/15/00
SPT5400
The relationship between the reference, AGNDxx and
output voltage is shown in table V.
Table V – Relationship between Reference, AGNDxx and Output
POSITIVE
BIPOLAR OPERATION
UNIPOLAR OPERATION
PARAMETER
(AGNDxx = 0 V)
(AGND = REFxx/2)
CUSTOM OPERATION
Bipolar Zero Level or Unipolar Mid-Scale
AGNDxx = 0 V
AGNDxx = REFxx/2
AGNDxx
(Code = 1000000000000)
Differential Reference Voltage (VDR)
REFxx
REFxx/2
REF – AGNDxx
Negative Full-Scale Output (Code = All 0s)
–REFxx
0 V
AGNDxx – VDR
Positive Full-Scale Output (Code = All 1s)
(4095/4096)(REFxx)
(8191/8192)(REFxx)
AGNDxx + (4095/4096)(VDR)
LSB Weight
(REFxx/4096)
(REFxx/8192)
(VDR/4096)
VOUTxx as a Function of Digital Code
((D/4096)–1)(REFxx)
(D/8192)(REFxx)
AGNDxx + ((D/4096)–1)(VDR)
(D, 0 to 8191)
Figure 2 – Typical Interface Circuit (shown for unipolar operation)
R
+
R
C2
C2
AGNDxx
1 k
Ω 1 kΩ
+
REF
FB
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0 (LSB)
VDD
VDD
VSS
VSS
GND
C1
+A5 V
C1
-A5 V
CMOS/TTL Control Source
VOUTA
VOUTB
VOUTC
VOUTD
VOUTE
VOUTF
VOUTG
VOUTH
For Bipolar Operation
AGNDxx
REFxx
C2
SPT5400
Notes
R = 22
C1 = 1.0
µF
C2 = 0.1
µF
REF = 0 – VDD V
FB = Ferrite Bead
R
R



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com