データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L3916A データシート(PDF) 2 Page - STMicroelectronics

部品番号 L3916A
部品情報  SPEECH AND 14 MEMORY DIALER WITH LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3916A データシート(HTML) 2 Page - STMicroelectronics

  L3916A Datasheet HTML 1Page - STMicroelectronics L3916A Datasheet HTML 2Page - STMicroelectronics L3916A Datasheet HTML 3Page - STMicroelectronics L3916A Datasheet HTML 4Page - STMicroelectronics L3916A Datasheet HTML 5Page - STMicroelectronics L3916A Datasheet HTML 6Page - STMicroelectronics L3916A Datasheet HTML 7Page - STMicroelectronics L3916A Datasheet HTML 8Page - STMicroelectronics L3916A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DESCRIPTION (continued)
When mated with a tone ringer, a complete tele-
phone can be produced with just two ICs.
The DC line interface circuit develops its own line
voltage across the device and it is adjustable by
external resistor to suit different country’s specifi-
cation.
The speech network provides the two to four
wires interface, electronic switching between dial-
ing and speech and automatic gain control on
transmit and receive.
The dialing network buffers up to 32 digits into the
LND memory that can be later redialed with a sin-
gle key input. Additionally, another 13 memories
(including 3 emergency memories) of 18 digits
memory is available. Users can store all 13 sig-
nalling keys and access several unique functions
with single key entries. These functions include:
Pause/Last Number Dialed (LND), Softswitch,
Flash.
The FLASH key simulates a timed hook flash to
transfer calls or to activate other special features
provided by the PABX or central office.
The PAUSE key stores a timed pause in the num-
ber sequence. Redial is then delayed until an out-
side line can be accessed or some other activity
occurs before normal signaling resumes.
A LND key input automatically redials the last
number dialed.
FUNCTION PIN DESCRIPTION
C1, C2, C3, C4, R5, R4, R3, R2, R1
Keyboards inputs. Pins 1, 2, 3, 4, 24, 25, 26, 27,
28. The one chip phone interfaces with either the
standard 2-of-9 with negative common or the sin-
gle-contact (Form A) keyboard.
BLOCK DIAGRAM
L3916A - L3926A - L3936A
2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15