データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM1066 データシート(PDF) 15 Page - STMicroelectronics

部品番号 STM1066
部品情報  Smart voltage supervisor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1066 データシート(HTML) 15 Page - STMicroelectronics

Back Button STM1066 Datasheet HTML 11Page - STMicroelectronics STM1066 Datasheet HTML 12Page - STMicroelectronics STM1066 Datasheet HTML 13Page - STMicroelectronics STM1066 Datasheet HTML 14Page - STMicroelectronics STM1066 Datasheet HTML 15Page - STMicroelectronics STM1066 Datasheet HTML 16Page - STMicroelectronics STM1066 Datasheet HTML 17Page - STMicroelectronics STM1066 Datasheet HTML 18Page - STMicroelectronics STM1066 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
STM1066
Package mechanical data
15/20
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 12.
Flip chip 6-bump, package mechanical outline
Flip chip (6-bump)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20