データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2842 データシート(PDF) 1 Page - KR Electronics, Inc.

部品番号 2842
部品情報  10.5 MHz bandpass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KR [KR Electronics, Inc.]
ホームページ  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2842 データシート(HTML) 1 Page - KR Electronics, Inc.

  2842 Datasheet HTML 1Page - KR Electronics, Inc. 2842 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH1
S31
LOG
1 dB/
REF 0 dB
Cor
CH2
S31
DEL
100 ns/
REF 800 ns
START
10 . 000
000
MHz
STOP
11 . 000
000
MHz
Cor
Smo
9 Jun 2008 13:05:26
CH1
S31
LOG
10 dB/
REF 0 dB
START
1 . 000
000
MHz
STOP
100 . 000
000
MHz
Avg
16
9 Jun 2008 13:34:12
KR Electronics
KR 2842 is a 10.5 MHz bandpass filter. The filter has a mini-
mum 2 dB bandwidth of 1 MHz. Other passband frequencies are
available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• 10.5 MHz Center Frequency
• 1 MHz Bandwidth
• SMA Connectors
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 100 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


同様の部品番号 - 2842

メーカー部品番号データシート部品情報
logo
Adafruit Industries
2842 ADAFRUIT-2842 Datasheet
96Kb / 2P
NeoPixel Digital RGBW LED Strip - White PCB 60 LED/m
logo
Alpha Wire
2842-19 ALPHAWIRE-2842-19 Datasheet
404Kb / 3P
28 (19/40) AWG Silver Plated Copper
2842-7 ALPHAWIRE-2842-7 Datasheet
404Kb / 3P
28 (7/36) AWG Silver Plated Copper
2842/1 ALPHAWIRE-2842/1 Datasheet
98Kb / 4P
Customer Specification
2/16/2023
2842/19 ALPHAWIRE-2842/19 Datasheet
404Kb / 3P
28 (19/40) AWG Silver Plated Copper
More results

同様の説明 - 2842

メーカー部品番号データシート部品情報
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
KR Electronics, Inc.
2892-SMA-MF KR-2892-SMA-MF Datasheet
75Kb / 3P
250 MHz Bandpass Filter
2924-SMA KR-2924-SMA Datasheet
99Kb / 3P
70 MHz Bandpass Filter
3259-200-SMA KR-3259-200-SMA Datasheet
142Kb / 3P
200 MHz Bandpass Filter
3277-SMA KR-3277-SMA Datasheet
100Kb / 3P
70 MHz Bandpass Filter
3299-SMA KR-3299-SMA Datasheet
85Kb / 3P
530 MHz Bandpass Filter
3306-3381-1629 KR-3306-3381-1629 Datasheet
73Kb / 3P
3381 MHz Bandpass Filter
logo
Transko Electronics, In...
TL07510AV TRANSKO-TL07510AV Datasheet
626Kb / 4P
75.00 MHz IF SAW Filter / 10.5 MHz Bandwidth
Revision 0: 4 Feb. 2008
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com