データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HS-7239 データシート(PDF) 13 Page - BOSER Technology Co., Ltd

部品番号 HS-7239
部品情報  Pentium짰 M/ Celeron짰 M PCI-ISA Bus Industrial Single Board Computer
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOSER [BOSER Technology Co., Ltd]
ホームページ  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-7239 データシート(HTML) 13 Page - BOSER Technology Co., Ltd

Back Button HS-7239 Datasheet HTML 9Page - BOSER Technology Co., Ltd HS-7239 Datasheet HTML 10Page - BOSER Technology Co., Ltd HS-7239 Datasheet HTML 11Page - BOSER Technology Co., Ltd HS-7239 Datasheet HTML 12Page - BOSER Technology Co., Ltd HS-7239 Datasheet HTML 13Page - BOSER Technology Co., Ltd HS-7239 Datasheet HTML 14Page - BOSER Technology Co., Ltd HS-7239 Datasheet HTML 15Page - BOSER Technology Co., Ltd HS-7239 Datasheet HTML 16Page - BOSER Technology Co., Ltd HS-7239 Datasheet HTML 17Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 84 page
background image
7
Chapter 3
Hardware Installation
This chapter provides the information on how to install the hardware
using the HS-7239/HS-7239M. This chapter also contains information
related to jumper settings of switch, watchdog timer etc.
3.1 Before Installation
After confirming your package contents, you are now ready to install
your hardware. The following are important reminders and steps to
take before you begin with your installation process.
1.
Make sure that all jumper settings match their default settings
and CMOS setup correctly. Refer to the sections on this chapter
for the default settings of each jumper. (Set JP2 1-2)
2.
Go through the connections of all external devices and make
sure that they are installed properly and configured correctly
within the CMOS setup. Refer to the sections on this chapter
for the detailed information on the connectors.
3.
Keep the manual and diskette in good condition for future
reference and use.
NOTE:
Since AD22 has been assigned for ISA bridge at
HS-7239/HS-7239M, please make sure do not use this address for
other PCI cards to avoid confliction. In order to get detailed
information, please contact technical support engineer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84