データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RC-741 データシート(PDF) 13 Page - BOSER Technology Co., Ltd

部品番号 RC-741
部品情報  19??4U High, Full-size Rackmount Chassis
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOSER [BOSER Technology Co., Ltd]
ホームページ  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

RC-741 データシート(HTML) 13 Page - BOSER Technology Co., Ltd

Back Button RC-741 Datasheet HTML 9Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 10Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 11Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 12Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 13Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 14Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 15Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 16Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 17Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
7
If your system no longer reacts, you must restart the RC-741, please
press the reset button.
NOTE:
When you reset, all data in the main memory are erased.
Dual Lockable Latch Doors
In front of the fans and behind the fan door are located an
exchangeable air filter mat to protect your system from dust. Please
make sure the door must be always closed.
You can protect the RC-741 from unauthorized use by means of drive
doors with a safety lock.
NOTE:
The RC-741 comes equipped with one key. If the key get lost or
damaged, then the drive door CAN NOT open by any one. Please
take the key save in one safety place.
Air Filter
Cleaning frequency will depend on the operating environment. If the
environment is extremely dusty, clean the air filter mat more often.
To remove the air filter mat located at the front of the system, proceed
as follows steps.
1. Open the door and remove the air filter.
2. To clean the air filter mat
Rinse in water
Also possible to beat it out, vacuum it or blast it with warm
compressed air
If the filter is soiled with greasy dust, you should rinse it with warm
water with degreaser added. DO NOT clean the filter with a piercing
jet of water or wring it out.
3. After cleaning and drying of the air filter, put these over the fans.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24